Part Number Hot Search : 
KTA1042D 1N4735 IQ24240 TA7288P HD6303YF STUB018 STUB018 STUB018
Product Description
Full Text Search
 

To Download ST3241EB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST3241EB ST3241EC
15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
Features
ESD protection for RS-232 I/O pins: 8 kV IEC 1000-4-2 contact discharge 15 kV human body model 1 A supply current achieved when in autopower-down 250 kbps minimum guaranteed data rate Guaranteed 6 V/ms slew rate range Guaranteed mouse drive ability 0.1 F external capacitors Meet EIA/TIA-232 specifications down to 3 V Available in SSOP-28 and TSSOP28 packages It is a complete serial port (3 drivers, 5 receivers) intended for notebook or sub-notebook computers. Receivers R1 and R2 have extra outputs in addition to their standard outputs. These extra output are always active. Typical application are in notebook, subnotebook, palmtop computers, battery-powered equipment, hand-held equipment, peripherals and printers.
SSOP TSSOP

Description
The ST3241E device consists of 3 drivers, 5 receivers and a dual charge-pump circuit. The device meets the requirements of EIA/TIA and V.28/V.24 communication standards providing high data rate capability and enhanced electrostatic discharge (ESD) protection. All transmitter outputs and receiver input are protected to 8 kV USING IEC 1000-4-2 contact discharge and 15 kV using the human body model. The receiver R2 is always active to implement a wake-up feature for serial port. The ST3241E has a proprietary low-dropout transmitter output stage enabling true RS-232 performance from a 3.0 V to 5.5 V supply with a dual charge pump. The device is guaranteed to run at data rates of 250 kbps while maintaining RS-232 output levels. Table 1. Device summary
Temperature range 0 to 70C -40 to 85C -40 to 85C
Order code ST3241ECPR ST3241EBPR ST3241EBTR
Package SSOP-28 (tape and reel) SSOP-28 (tape and reel) TSSOP28 (tape and reel)
Packaging 1350 parts per reel 1350 parts per reel 2500 parts per reel
November 2007
Rev 4
1/15
www.st.com 15
Contents
ST3241EB - ST3241EC
Contents
1 2 3 4 5 6 Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
2/15
ST3241EB - ST3241EC
Pin configuration
1
Figure 1.
Pin configuration
Pin configuration
Table 2.
Pin n 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17
Pin description
Symbol C2+ C2VR1IN R2IN R3IN R4IN R5IN T1OUT T2OUT T3OUT T3IN T2IN T1IN R5OUT R4OUT R3OUT Name and function Positive terminal of inverting charge pump capacitor Negative terminal of inverting charge pump capacitor -5.5V Generated by the Charge Pump First receiver input voltage Second Receiver Input Voltage Third receiver input voltage Fourth receiver input voltage Fifth receiver input voltage First transmitter output voltage Second transmitter output voltage Third transmitter output voltage Third transmitter input voltage Second transmitter input voltage First transmitter input voltage Fifth Receiver Output Voltage Fourth receiver output voltage Third receiver output voltage 3/15
Pin configuration Table 2.
Pin n 18 19 20 21 22 23 24 25 26 27 28
ST3241EB - ST3241EC
Pin description (continued)
Symbol R2OUT R1OUT R2OUTB R1OUTB SHDN EN C1GND VCC V+ C1+ Name and function Second receiver output voltage First receiver output voltage Non-inverting complementary receiver output, always active for wake-up Non-inverting complementary receiver output, always active for wake-up Shutdown control. Active low. Receiver enable. Active low Negative terminal of voltage- charge pump capacitor Ground Supply voltage 5.5V Generated by the charge pump Positive terminal of voltage- Charge pump capacitor
Table 3.
SHDN 0 0 1 1
Shutdown and enable control truth table
EN 0 1 0 1 TOUT HIGH Z HIGH Z ACTIVE ACTIVE ROUT ACTIVE HIGH Z ACTIVE HIGH Z ROUTB ACTIVE ACTIVE ACTIVE ACTIVE
4/15
ST3241EB - ST3241EC
Maximum ratings
2
Table 4.
Symbol VCC V+ VV+ +|V-|
Maximum ratings
Absolute maximum ratings
Parameter Supply voltage Extra positive voltage (Note: 1) Extra negative voltage (Note: 1) (Note: 1) Input voltage Receiver input voltage range Transmitter output voltage range Receiver output voltage range Short circuit duration on TOUT (one at a time) Storage temperature range Value -0.3 to 6 (VCC -0.3) to 7 0.3 to -7 13 -0.3 to 6 25 13.2 -0.3 to (VCC + 0.3) Continuous -65 to 150 C Unit V V V V V V V V
SHDN, EN, TIN RIN TOUT ROUT ROUTB INVALID tSHORT Tstg
Note: Note: 1
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. V+ and V- can have a maximum magnitude of +7 V, but their absolute addition cannot exceed 13 V. ESD performance: transmitter outputs, receiver inputs
Parameter ESD protection voltage ESD protection voltage Test conditions Human body model IEC 1000-4-2 (contact discharge) Min. 15 8 Typ. Max. Unit kV kV
Table 5.
Symbol ESD ESD
5/15
Electrical characteristics
ST3241EB - ST3241EC
3
Table 6.
Electrical characteristics
Electrical characteristics (C1 - C4 = 0.1 F, VCC = 3 V to 5.5 V, TA = -40 to 85 C, unless otherwise specified. Typical values are referred to TA = 25 C)
Parameter Supply current Shutdown supply current Test conditions No load VCC = 3.3V or 5V, TA = 25C SHDN = GND, TA = 25C Min. Typ. 0.3 1 Max. 1 10 Unit mA
Symbol ISUPPLY ISHDN
A
Table 7.
Symbol VTIL VTIH IIL
Logic input and receiver output electrical characteristics (C1 - C4 = 0.1 F, VCC = 3 V to 5.5 V, TA = -40 to 85 C, unless otherwise specified.
Parameter Input logic threshold low Input logic threshold high Input leakage current Test conditions TIN, EN, SHDN VCC = 3.3V VCC = 5V TIN, EN, SHDN 2 2.4 0.01 1.0 Min. Typ. Max. 0.8 Unit V V V
A
Table 8.
Symbol IOL VOL VOH
Receiver output electrical characteristics (C1 - C4 = 0.1 F, VCC = 3 V to 5.5 V, TA = -40 to 85 C, unless otherwise specified.
Parameter Output Leakage Current Output Voltage Low Output Voltage High Test conditions ROUT, EN, Receiver Disabled IOUT = 1.6mA IOUT = -1mA VCC-0.6 Min. Typ. 0.05 Max. 10 0.4 VCC-0.1 Unit
A
V V
Table 9.
Symbol VTOUT ROUT ISC IL
Transmitter electrical characteristics (C1 - C4 = 0.1 F, VCC = 3 V to 5.5 V, TA = -40 to 85 C, unless otherwise specified.
Parameter Output voltage swing Output resistance Output short circuit current Output leakage current VCC = 0 to 5.5V, transmitter output = 12V, transmitter disabled T1IN = T2IN = GND, T3IN = VCC T3OUT loaded with 3k to GND T1OUT and T2OUT loaded with 2.5mA each 5 Test conditions All transmitter outputs are loaded with 3k to GND VCC = V+ = V- = 0V, VOUT = 2V Min. 5 300 Typ. 5.4 10M 35 60 25 Max. Unit V mA A
VTO
Transmitter output voltage
V
6/15
ST3241EB - ST3241EC
Electrical characteristics
Table 10.
Symbol VRIN VRIL VRIH VRIHYS RRIN
Receiver electrical characteristics (C1 - C4 = 0.1 F, VCC = 3 V to 5.5 V, TA = -40 to 85 C, unless otherwise specified.
Parameter Receiver input voltage operating range RS-232 Input threshold low RS-232 Input threshold high Input hysteresis Input resistance TA = 25C 3 TA = 25C, VCC = 3.3V TA = 25C, VCC = 5.0V TA = 25C, VCC = 3.3V TA = 25C, VCC = 5.0V Test conditions Min. -25 0.6 0.8 1.2 1.5 1.5 1.8 0.3 5 7 2.4 2.4 Typ. Max. 25 Unit V V V V k
Table 11.
Symbol DR tPHL tPLH tT_SKEW
Timing characteristics (C1 - C4 = 0.1 F, VCC = 3 V to 5.5 V, TA = -40 to 85 C, unless otherwise specified.
Parameter Maximum data rate Test Conditions RL = 3k CL= 1000pF , one transmitter switching Min. 250 0.15 100 300 TA = 25C, RL = 3k to 7k, VCC = 3.3V measured from +3V to -3V or -3V to +3V CL = 150pF to 1000pF CL = 150pF to 2500pF Typ. Max. Unit kbps s ns ns
Receiver propagation delay RIN to ROUT, CL = 150pF Transmitter skew
tR_SKEW Receiver skew
SRT
Transition slew rate
6 4
30 30
V/s V/s
7/15
Application
ST3241EB - ST3241EC
4
Figure 2.
Application
Application circuits
Table 12.
VCC
Required minimum capacitance value (F)
C1 0.1 0.047 0.1 C2 0.1 0.33 0.47 C3 0.1 0.33 0.47 C4 0.1 0.33 0.47 Cbypass 0.1 0.1 0.1
3.0 to 3.6 4.5 to 5.5 3.0 to 5.5 8/15
ST3241EB - ST3241EC
Package mechanical data
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
9/15
Package mechanical data
ST3241EB - ST3241EC
SSOP28 mechanical data
mm. Dim. Min. A A1 A2 b c D E E1 e K L 0 0.55 0.75 0.050 1.65 0.22 0.09 9.9 7.4 5 10.2 7.8 5.3 0.65 BSC 10 0.95 0 0.022 0.030 1.75 1.85 0.38 0.25 10.5 8.2 5.6 Typ. Max. 2 0.002 0.065 0.009 0.004 0.390 0.291 0.197 0.402 0.307 0.209 0.0256 BSC 10 0.037 0.069 0.073 0.015 0.010 0.413 0.323 0.220 Min. Typ. Max. 0.079 inch.
10/15
ST3241EB - ST3241EC
Package mechanical data
TSSOP28 mechanical data
mm. Dim. Min. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 9.6 6.2 4.3 9.7 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 Typ. Max. 1.2 0.15 1.05 0.30 0.20 9.8 6.6 4.48 0.002 0.031 0.007 0.004 0.378 0.244 0.169 0.382 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 Min. Typ. Max. 0.047 0.006 0.041 0.012 0.0079 0.386 0.260 0.176 inch.
0128292B
11/15
Package mechanical data
ST3241EB - ST3241EC
Tape & reel SSOP28 mechanical data
mm. Dim. Min. A C D N T Ao Bo Ko Po P 8.4 10.7 2.9 3.9 11.9 12.8 20.2 60 22.4 8.6 10.9 3.1 4.1 12.1 0.331 0.421 0.114 0.153 0.468 Typ. Max. 330 13.2 0.504 0.795 2.362 0.882 0.339 0.429 0.122 0.161 0.476 Min. Typ. Max. 12.992 0.519 inch.
12/15
ST3241EB - ST3241EC
Package mechanical data
Tape & reel TSSOP28 mechanical data
mm. Dim. Min. A C D N T Ao Bo Ko Po P 6.8 10.1 1.7 3.9 11.9 12.8 20.2 60 22.4 7 10.3 1.9 4.1 12.1 0.268 0.398 0.067 0.153 0.468 Typ. Max. 330 13.2 0.504 0.795 2.362 0.882 0.276 0.406 0.075 0.161 0.476 Min. Typ. Max. 12.992 0.519 inch.
13/15
Revision history
ST3241EB - ST3241EC
6
Table 13.
Date
Revision history
Document revision history
Revision 2 3 4 Changes The IL (Output Leakage Current) mA ==> A in table 8. Order code updated. Added Table 1.
21-Jun-2004 03-Apr-2006 13-Nov-2007
14/15
ST3241EB - ST3241EC
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of ST3241EB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X